PART |
Description |
Maker |
IRL3714L IRL3714S IRL3714 IRL3714STRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 36A条(丁)|63AB HEXFET? Power MOSFET Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A) 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|
IRLR3715 IRLU3715 IRLR3715TRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 54A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 54A条(丁)|52AA SMPS MOSFET 20V Single N-Channel HEXFET Power MOSFET in a D-Pak package 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
FDMA520PZ FDMA520PZ08 |
Single P-Channel PowerTrench? MOSFET -20V, -7.3A, 30mΩ Single P-Channel PowerTrench㈢ MOSFET -20V, -7.3A, 30mヘ
|
Fairchild Semiconductor
|
ATP114 |
P-Channel Power MOSFET, -60V, -55A, 16mOhm, Single ATPAK
|
ON Semiconductor
|
AF2301P AF2301PW AF2301PWA AF2301PWLA AF2301PWL |
V(ds): -20V; V(gs): -8V; -2.3A; 20V P-channel enchancement mode MOSFET 20V P-Channel Enhancement Mode MOSFET Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:21-41 RoHS Compliant: No MS27467T21B41S
|
Anachip Corp ETC
|
STB55NF03L-1 STP55NF03L STB55NF03L STB55NF03LT4 |
55 A, 30 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB 55 A, 30 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-CHANNEL 30V - 0.01 W - 55A TO-220/D2PAK/I2PAK STripFET II POWER MOSFET N-CHANNEL 30V - 0.01 OHM - 55A TO220/D2PAK/I2PAK STRIPFET II POWER MOSFET N-CHANNEL 30V - 0.01 OHM - 55A TO220/D2PAK/I2PAK STRIPFET II POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FDMA510PZ |
-20V Single P-Channel PowerTrenchMOSFET
|
Fairchild Semiconductor
|
WPM2037 WPM2037-6TR |
Single P-Channel, -20V, -3.6A , Power MOSFET
|
TY Semiconductor Co., Ltd
|
FDMA420NZ0609 FDMA420NZ |
Single N-Channel 2.5V Specified PowerTrench MOSFET 20V, 5.7A, 30mз
|
FAIRCHILD[Fairchild Semiconductor]
|
WNM2030 WNM2030-3TR |
Single N-Channel, 20V, 0.95A, Power MOSFET
|
TY Semiconductor Co., L...
|
FDMA520PZ |
Single P-Channel PowerTrench MOSFET -20V, -7.3A, 30mohm
|
Fairchild Semiconductor Corporation
|